|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KOA SPEER ELECTRONICS, INC. SS-197 R5 AHA 6/07/07 Surface Mount Coat-insulated Fixed Metal Film Resistors RN41, RM41 Type 1. Features CERTIFIED CERTIFIED Meets or exceeds EIAJ-8009, EIA-PDP-100 Suitable for reflow and wave soldering High stability in short and long term tests Marking: Blue body color for "RN" , green for "RM" Products with lead-free terminations meet RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC 2. Dimensions and Construction C L D3 Type (Inch Size Code) L .079.004 (2.00.1) .138.008 (3.50.2) .126.008 (3.20.2) .138.008 (3.50.2) .232.008 (5.90.2) .232.008 (5.90.2) Dimensions inches (mm) C (min.) D1 D2 (max.) .012 (0.3) .02 (0.5) .02 (0.5) .02 (0.5) .02 (0.5) .02 (0.5) .049.002 (1.250.05) .057.004 (1.450.1) .061.006 (1.550.15) .055.004 (1.40.1) .087.004 (2.20.1) .087.004 (2.20.1) .053 (1.35) .061 (1.55) .069 (1.75) .061 (1.55) .094 (2.4) .094 (2.4) D3 (max.) .003 (0.07) 2A (0805) 2B (1406) D1 D2 2D (1206) 2ES (1406) 2E, 2H (2309) 3AS .004 (0.1) Insulation Coating Trimming Resistive Line Film Ceramic Core End Cap Marking .006 (0.15) .071 (1.8) 3. Type Designation The type designation shall be the following form: New Type RN41 Dielectric RN41 2B Size 2A: 0805 2B: 1406 2D: 1206 2E: 2309 2ES: 1406 2H: 2309 3AS: 2309 T: Sn T Termination Material TE Packaging TE: 7" Embossed Plastic (2A, 2B, 2ES 3,000 pcs/reel) (2D 2,000 pcs/reel) (2E, 2H, 3AS 1,500 pcs/reel) 1002 Nominal Resistance 5%: 2 significant figures + 1 multiplier. "R" indicates decimal on values <10 1%: 3 significant figures + 1 multiplier. "R" indicates decimal on values <100 J Tolerance B C D F J = 0.1% = 0.25% = 0.5% = 1% = 5% 50* T.C.R. (ppm/C) 25 50 100 200 (Other termination styles may be available, please contact factory for options) *T.C.R. noted for RN41 only PAGE 1 OF 4 Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. KOA SPEER ELECTRONICS, INC. SS-197 R5 3. Type Designation (continued) The type designation shall be the following form: New Type RM41 Dielectric RM41 2D Size 2D: 1206 2H: 2309 T: Sn T Termination Material TE Packaging TE: 7" Embossed Plastic (2D - 2,000 pcs/reel) (2H - 1,500 pcs/reel) 1R0 Nominal Resistance 5%: 2 significant figures + 1 multiplier. "R" indicates decimal on values <10 J Tolerance J = 5% (Other termination styles may be available, please contact factory for options) 4. Applications and Ratings Part Designation RN412A RN412B RN412D RN412E RN412ES RN412H RM412D RM412H RN413AS Power Rating @ 70C 1/8W (.125W) 1/8W (.125W) 1/5W (.2W) 1/4W (.25W) 1/4W (.25W) 1/2W (.5W) 1/5W (.2W) 1/2W (.5W) 1W T.C.R. (ppm/C) Max. (B0.1%) 100 25 50 50 25 50 25 50 200 350 350 50 -- -- -- -- -- -- -- -- -- -- -- Resistance Range E-24, E-96 (C0.25%) -- -- -- 100-100K -- -- -- -- -- -- -- E-24, E-96 (D0.5%) -- -- -- 100-1M -- -- -- -- -- -- 10-604K -- 10-1.0M -- 1-5.1M -- -- -- 1-1M E-24, E-96 (F1%) 100-100K -- E-24 (J5%) -- -- -- -- -- -- -- 0.22-0.91 0.22-100K 0.22-8.2 (E-12) 0.22-0.91 250V 200V 250V 500V 400V 600V -55C to +155C 150V Absolute Absolute Operating Maximum Maximum Temperature Working Overload Range Voltage Voltage 200V 300V 100-100K 100-604K 10K-100K 100-100K 100-604K PxR PxRx6.25 600V *1) Please contact KOA Speers for further information. PAGE 2 OF 4 Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. KOA SPEER ELECTRONICS, INC. SS-197 R5 5. Environmental Application Derating Curve 100 80 % Rated Power 60 40 20 0 Surface Temperature Rise 80 2H Temperature Rise (C) 60 2E 40 2D 2B 20 2A 0 20 40 60 80 100 120 140 70 Ambient Temperature (C) 160 155 0 0 25 50 75 100 % Rated Power 6. Performance Characteristics Parameter Thermal Shock Low Temperature Exposure High Temperature Exposure Short Time Overload Resistance to Solder Heat Pulse Moisture Resistance Life Dielectric Withstanding Voltage 2A 2B 2D 2E 2H 3AS Insulation Resistance Maximum R (% + 0.05) 0.5% 0.2% 1.0% RN, 2.0% RM 0.5% 0.5% RN, 1.0% RM 1.0% RN, 2.0% RM 1.0% RN, 3.0% RM 1.0% RN, 3.0% RM 200V Minimum 300V Minimum 300V Minimum 400V Minimum 500V Minimum 600V Minimum 10,000 M Test Method MIL-STD-202, Method 107, -55C to +155C, 5 cycles MIL-R-55342 4.7.4, 1 Hour @ -55C MIL-R-55342 4.7.6, 100 hours @ 155C MIL-R-55342 4.7.5, 2.5 x RCWV for 5 seconds MIL-R-55342 4.7.7, 260C for 10 seconds 2.5 x RCWV, not exceeding maximum overload voltage, 1 second ON, 25 seconds OFF, 10,000 cycles MIL-STD-202, Method 103, 40C, 90 - 95% RH, 1000 hours MIL-STD-202, Method 108, 70C, 1000 hours @ RCWV, 1.5 hr ON, 0.5 hr OFF 1 minute minimum MIL-STD-202, Method 301 -- * RCWV = Rated Continuous Working Voltage. 7. Packing Packing box shall be marked with the following items. (1) Type, style and characteristic (2) Nominal resistance (3) Quantity (4) Lot number (5) Manufacturer's name Type 2A 2B, 2ES 2D 2E, 2H, 3AS Quantity Bulk 3,000 pcs./box 3,000 pcs./box 2,000 pcs./box 1,500 pcs./box Taping 3,000 pcs./reel 3,000 pcs./reel 2,000 pcs./reel 1,500 pcs./reel PAGE 3 OF 4 Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. KOA SPEER ELECTRONICS, INC. SS-197 R5 9. Taping Dimensions/Reel Dimensions 1.5 +0.1 -0 (mm) B 1.750.1 Central hole W oa A o13 e od T1 P1 (TP) 2.0 4.00.1 P1 T1 Direction of feed T1 Dimensions in inches (mm) Type 2A 2B, 2ES 2D 2E, 2H 3AS A .094 (2.4 0.2) .146 (3.7 0.2) .146 (3.7 0.2) .244 (6.2 0.2) .244 (6.2 0.2) B .059 (1.5 0.2) .067 (1.7 0.2) .067 (1.7 0.2) .094 (2.4 0.2) .094 (2.4 0.2) W .315 (8.0 0.2) .315 (8.0 0.2) .315 (8.0 0.2) .472 (12.0 0.1) .472 (12.0 0.1) P1 .157 (4.0 0.1) .157 (4.0 0.1) .157 (4.0 0.1) .157 (4.0 0.1) .157 (4.0 0.1) T1 .059 (1.45 0.2) .067 (1.7 0.2) .067 (1.7 0.2) .102 (2.6 0.2) .102 (2.6 0.2) oa 7.01 (178) 7.01 (178) 7.01 (178) 7.01 (178) 10.01 (255) od .827 (21) .827 (21) .827 (21) .827 (21) .827 (21) e .079 (2) .079 (2) .079 (2) .079 (2) .079 (2) 10. Taping Configuration Empty space Product space Empty space Lead space A B Direction of feed C Dimensions in inches (mm) A min 3.93 (10 pitch) B min 1.38 (35 pitch) C min 11.40 (290 mm) PAGE 4 OF 4 Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. |
Price & Availability of RN412ETTE1002B100 |